Part Number Hot Search : 
MD82C37A ED1004CT 53201 C1683 24LC16BT 875KAC14 25Q80 IRF7104
Product Description
Full Text Search
 

To Download MCSS2450EM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2007 crydom inc., all rights reserved. specifications are subject to change without prior notice. crydom is a reg istered tradema rk of sil icon pow er corp oration. crydommcs_l1307.pdf page 1 of 4 ser ies mcs 25-90amp - 120/480 vac - ac output the mcst, mcsp and mcss series of controls is designed to provide adjustable surge reducing soft-start and soft-stop control for any loa d whic h wou ld benef it fro m a gradual app lic ati on or shut down of powe r, and provide cry dom ss r swi tch ing withi n one package. the mcs con tro ls are available with either soft- start, or soft-stop fun ctions separately, or as a com bine d sof t-star t/s oft -st op cont rol . wit h adjustable ramp time s fro m 100ms to 10 seconds in two ranges, the se controls are ide al for reducing start ing current surges in motor s, in preventing sat urat ion whe n swi tch ing tra nsform ers, or in reducing reverse emf surges whe n de-energi zing lar ge ind ucti ve loa ds. inc orporating 4000 vol t iso lation fro m inp ut to output, the mcs series allows real time adjust men t of the ramp rates fro m a remote source using analog voltage or current control. onc e the desired ramp rate is set using the analog inp ut, a simple digital signal applied to the on/off control inp ut will operate the control. the mcs is also avai lab le with a bui lt- in potentiometer for use whe re remote or continuous adjust men t is not needed. > soft-s tart/sto p controller and ssr in one pac kage > microcontroller based technology > adjustable ramp rates > low voltage, 4-20ma, or potent iom eter con trol > led status indicator > scr based output load switching > buil t-in inte rnal snubber gene ral speci fic a tion s dielectric strength 50/60hz, input/output/base 4000 vrms insulation resistance (min.) @ 500 vdc 10 9 ohm max. capacitance input/output 10 pf ambient operating temperature range -20 to 80 c ambient storage temperature range -40 to 125 c mech ani cal speci fic a tion s weight: (typical) 3.0 oz. (86 .5g) encapsulation thermally conductive epoxy terminals - power screws and saddle clamps fur nished, unm ounted control barrier strip screw terminals voltage suf fix outp ut speci fic a tion s 12 24 48 operating voltage (47-63 hz) [vrms] 48-140 180- 28 0 300 -530 transient overvoltage [vpk] 400 600 1200 max. off-state leakage current @ rated voltage [ma] 5 7 12 power factor (min.) with max. load 0.5 0.5 0.5 maximum voltage drop (100% on) [vpk] 1.6 1.6 1.6 minimum off-state dv/dt [v/sec] 200 20 0 200 current suf fix 25 amp 50 amp 90 amp max. load current [arms] 25 50 90 min. load current (marms) 150 150 150 max. surge current (16.6ms) [apk] 250 625 1200 thermal resistance junction to case (r ?jc ) [c/w] 1.02 0.63 0.2 8 maximum i 2 t for fusing, (8.3 msec.) [a 2 s] 260 1620 600 0 st sp ss max. turn-on time high level p3 adjustable 1/2 cycle adj ustable max. turn-off time high level p3 1/2 cycle adjustable adj ustable input specifications* minimum typical maximum dc voltage supply range [vdc] [p1] 8 12 32 input current [ma] 28 30 control must operate voltage on [vdc][p3] 5 32 control must release voltage off [vdc][p3] 0 4 input current [ma] [p3] 0 2.6 analog range option a [vdc][p4] 0.5 5 analog range option b [vdc][p4] 1.25 7 analog range option c [vdc][p4] 2 10 analog range option d [ma][p4] 4 20 nominal input impedance option a,b,c [ohms][p4] 20k nominal input impedance option d [ohms][p4] 220 *voltages are reference to gnd (ground = 0vdc) p2
ser ies mcs 25-90amp - 120/480 vac - ac output ? 2007 crydom inc., all rights reserved. specifications are subject to change without prior notice. crydom and the cryd om logo are tradema rks of cryd om corp . cryd om crydommcs_l1307.pdf page 2 of 4 electrical connections part number nomenclature mechanical dim ensions are in inches (mi llimeters) outp ut sta tus fun ctions con dition s led initia l log ic sup ply on flash onc e loa d voltage missing / loa d ope n (w/c ontrol p3 disabled) flash onc e inte rmit tently loa d voltage pre sen t (w/c ontrol p3 enabled) off ram p time (soft sta rt upon p3 enable) off to bri ght ram p time (soft sta rt upon p3 dis able) bri ght to off outp ut on (no rmally ste ady ope ration) on 1.8 7 (47 .5 ) .7 8 (19 .8 ) 2.3 0 (58 .4 ) .4 5 (11 .4 ) 1.1 0 (27 .9 ) 8-32 te rmi na l (2 p laces ) 1.80 (45 .7) mou nti ng hole /sl ot 0.17 (4.3 ) dia . bas e p lat e .12 5 ( 3.2 ) screw torque requi remen ts input connect ions via screw type bar rie r strip p4 p3p2 p1 1.8 7 (47 .5 ) .7 8 (19 .8 ) 2.3 0 (58 .4 ) .4 5 (11 .4 ) 1.1 0 (27 .9 ) 8-32 te rmi na l (2 p laces ) 1.80 (45 .7) out pu t sta tu s mou nti ng hole /sl ot 0.17 (4.3 ) dia . bas e p lat e .12 5 ( 3.2 ) p3p2 p1 ana log inp ut opt ions : a,b,c,d ana log inp ut optio n: e (inte rnal pot entiometer) 1/l1 2/t1 out pu t sta tu s 1/l1 2/t1 loa dvol tage 0% 100 % ram p tim e ram p tim e loa dvol tage 0% 100 % ram p tim e soft star t soft sto p soft star t/sto p loa d v oltage 0% 100 % ram p tim e outpu t outp ut statu s p1 8-32vdc (+) p2 ground (-) p3 on/off control p4 0-5v, 0-7v, 0-10 v, 4-20ma p1 p4 p2 10k - 50k for a,b or c optio n 1/l1 2/t1 ac loa d out put 8-32 sc rew s - 20in. lbs. (screws dry without g rea se.) ss
iso9 001 cert ified ? 2007 crydom inc., all rights reserved. specifications are subject to change without prior notice. crydom is a reg istered tradema rk of sil icon pow er corp oration. crydommcs_l1307.pdf page 3 of 4 approvals ul - e116949 ser ies mcs 25-90amp - 120/480 vac - ac output ramp t ime in seconds cur rent der ating cur ves 0 2 6 4 8 10 12 0 16 4 8 20 12 0 16 4 8 20 12 0 2 6 4 8 10 12 11 10 9 8 7 6 5 4 3 2 1 0 1. 1 1. 0 0. 9 0. 8 0. 7 0. 6 0. 5 0. 4 0. 3 0. 2 0. 1 0 1. 1 1. 0 0. 9 0. 8 0. 7 0. 6 0. 5 0. 4 0. 3 0. 2 0. 1 0 11 10 9 8 7 6 5 4 3 2 1 0 analog input v olta ge p 4 analog input v olta ge p 4 analo g inp ut cur rent p 4 analo g inp ut cur rent p 4 s d n o c e s n i e m i t p m a r s d n o c e s n i e m i t p m a r s d n o c e s n i e m i t p m a r s d n o c e s n i e m i t p m a r opti on s (1 sec ) opt ion s (1 sec ) opti on m (10 sec ) opt ion m (10 sec ) opt ion a 5vd c opt ion b 7vd c opt ion c 10vd c opt ion d 4-20m a opt ion d 4-20m a opt ion a 5vd c opt ion b 7vd c opt ion c 10vd c for recommended applications and more information contact: usa: sa les support (877) 502-5500 tec h support (8 77) 702-7700 f ax (619) 710-8540 crydom inc., 2320 paseo de las americas, ste. 201, san diego, ca 92154email: sa les@crydom.com web site: ht tp://www.crydom.com uk: +44 (0)1202 606030 ? fax +44 (0)1202 606035 crydom ssr ltd., arena business centre, holyrood close, poole, dorset bh17 7fj, email: intsales @crydom.com. germany: +49 (0)180 3000 506
series mcs rev. 121307 pag e 4 of 4 hazard of electric shock, explosion, or arc flash. ? disconnect all power before installing or working with this eq uip ment. ? verify all connections and replace all covers before turning on power. failure to follow these instructions will result in death or serious injury. riesgo de descarga electrica o explosion. ? desconectar todos los suministros de energia a este equipo antes de trabajar con este equip o. ? verificar todas las co nexiones y coloca r to das las tapas antes de ene rgi zer el equipo. el incumplimiento de estas instrucciones puede provocar la muerte o lesiones serias. risque de descharge electrique ou explosion ? eteindre toutes les sources d'nergie de cet appareil avant de travailler dessus de cet appareil ? vrifier to us conn ections, et remettre t ous couverts en ola ce ava nt de mett re s ous de non-suivi de ces instructions provoquera la mort ou des lsions srieu ses srieuses. gefahr eines elektrische n schlages oder einer explosion. ? stellen sie jeglichen strom ab, der dieses ger?t versorgt, be vor sie an de m ger?t arb eiten durchfhren ? vor dem drehen auf energie alle anschlsse berprfen und alle abdeckungen ersetze n. unterlassung dieser anweisungen k?nnen zum tode oder zu schweren verletzungen fhren. rischio di scossa elettrica o dell?esplosi one. ? spenga tutta l'alimentazion e che fornisce questa apparecchiatu ra prima del lavorare a qu esta apparecchiat u r a ? verificare tutti i collegamenti e sostituire tutte le co perture prima della rotazione sull'alimentaz i o ne l'omissione di seguire queste istruz ioni provocher la morte o di lesioni serie risco de descarga elttrica o u explos? o ? des con ectar o equi pament o de t oda energi a ant es de i nstalar ou trab alhar co m este equipamen to ? verific ar tod as as conex ?es e rec olocar tod as as t ampas antes de r eligar o equi pament o o n ?o cumpri ment o destas instru ??es pode lev ar mor te ou le s?es srias. risque de dommage materiel et de surchauffe du boitier ? les panneaux latraux du produit peuvent tre chauds. laisser le produit refroidir avant de le toucher. ? respecter les consignes de montage, et notamment les couples de serrage. ? ne pas laisser pntrer de liquide ni de corps trangers l'intrieur du produit. risk of materia l d amage and hot enclosure ? th e product's side panels may be hot, allow time for product to cool before touching.? follow proper mounting instructions including torque values . ? do not allow liquids or foreign objects to enter this product. le non-respect de cette directive peut entra?ner, des lsions corporelles graves ou des dommages matriels. failure to follow this instruction can result in serious injury, or equipment damage. la mancata osservanza di questa precauzione pu causare gravi rischi per l'incolumit personale o danni alle apparecchiature. si no se respetan estas precauciones pueden producirse graves lesiones, da?os materiales. die nichtbeachtung dieser anweisung kann k?rperverletzung oder materialsch?den zur folge haben. a n ?o observancia destas precau??es pode provocar a morte, ferimentos graves ou danos materiais. gefahr von materialsch?den und geh?useerhitzung ? die seitenw?nde k?nnen hei? sein. lassen sie das produkt abkhlen, bevor sie es berhren.? beachten sie die montageanweisungen, ? fhren sie keine flssigkeiten oder fremdk?rper in das produkt ein. rischio di danni materiali e d'involucro caldo ? i pannelli laterali dell'apparecchio possono scottare; lasciar quindi raffreddare il prodotto prima di toccarlo. ? seguire le istruzioni di montaggio corrette. ? non far entrare liquidi o oggetti estranei in questo apparecchio. riesgo de da?os ma teriales y de sobrecalentamiento de la unidad ? los paneles laterales del producto pueden estar calientes. esperar que el producto se enfre antes de tocarlo. ? respetar las instrucciones de montaje, y en particular los pares de apretado.? no dejar que penetren lquidos o cuerpos extra?os en el producto. risco de dano material e de aquecimento ? os painis laterais do produto podem estar quentes; d tempo ao produto para arrefecer antes de lhe tocar. ? siga devidamente as instru??es de montagem. ? n?o permita a entrada de lquidos e de objectos estranhos no produto. danger / peligro / danger /gefahr / pericolo / perigo war ning / ave rtissement / warnung /advertencia / avve rtenza / avi so
ann ex ? e nvironm ental i nformati on: the environmental information disclosed in this annex including the eip pollution logo are in compliance with people?s republic of china electronic industry standard sj/t11364 ? 2006, marking for control of pollution caused by electronic information products.  part toxic or hazardous substance and elements name lea d mercury cadmiu m he xav a len t polybrominated polybrominated  (pb) (hg) (cd) chromium (cr (vi)) biphenyls (pbb) diphenyl ethers (pbde) se micondu ct or di e x o o o o o solder x o o o o o  l  - )?   c : !8 l   ? / ,x   + $  c {
? "5  ? ,x )?   c 0  " ? !? e
` ? + $ > ? ? ? sj/t11364 - 2006,  + $  c {
? "5  { 
? a? ?u "    2?   b (= ? y !| y   f? /? j? "2 k a?j ?$?6(8? ?$?`8?gn (pb) (hg) (cd) (cr (vi)) (pbb) (pbde) e'8?( x o o o o o &ty&? x o o o o o    ? 2007 crydom inc., specificat ions subject to change without notice.


▲Up To Search▲   

 
Price & Availability of MCSS2450EM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X